PART |
Description |
Maker |
EL7516IYZ- EL7516IYZ-T7 EL7516IY-T7 EL7516 EL7516I |
International Rectifier 600kHz/1.2MHz PWM Step-Up Regulator 600kHz/1.2MHz PWM升压调节
|
15 IRF[International Rectifier] International Rectifier, Corp.
|
SC4519HSETRT SC4519HEVB SC4519H |
600kHz, 3A Step-Down Switching Regulator
|
Semtech Corporation
|
MP2380 MP2380DN |
5A, 21V, 600KHz Step-Down Converter
|
Monolithic Power Systems
|
SC4519H07 |
600kHz, 3A Step-Down Switching Regulator
|
Semtech Corporation
|
SC2308A SC2308AEVB SC2308ASTRT |
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
|
Semtech Corporation
|
A04474 FDS6670AS RT8298 IRF7821 |
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
|
Richtek Technology Corporation
|
EL7516 |
600kHz/1.3MHz PWM Step Up Regulator From old datasheet system
|
Intersil
|
SP6134HCU-L SP6134HEU-L SP6134HEU-L_TR SP6134HCU-L |
High Voltage, 600kHz Synchronous PWM Step Down Controller
|
Exar Corporation
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
ELM92271B-N ELM92271B-S ELM92271C-N ELM92271C-S EL |
CMOS 600kHz High output current PWM step-up DC/DC converter
|
ELM Technology Corporation
|
MP38671DL |
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
|
Monolithic Power System...
|
MP3422 MP3422GG |
6.5A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
|
Monolithic Power System...
|